Part Number Hot Search : 
AX145 BFT32A 07N60S5 68200 S2090 MHR66TF 120N1T JANTX1
Product Description
Full Text Search
 

To Download ECWH10433HVB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  design, specifications are subject to change without notice. ask factory for technical specifications before purchase and/or use . whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail. '$ metallized polypropylene film capacitor type : ecwh(v) plastic film capacitors designed for high frequency and pluse applications. features low-loss and inherent tempereature rise excellent electrical characteristics flame-retardant epoxy resin coating rohs directive compliant recommended applications tv, monitors, electronic ballast explanation of part numbers 123456789101112 e c w h product code dielectric & construction rated vol. capacitance v cap. tol. suffix suffix 10 1000 vdc 12 1250 vdc 16 1600 vdc 20 2000 vdc h 3 % j 5 % explanation of part number for odd size taping e c w h product code dielectric & construction rated vol. capacitance r v 7.5 mm crimped cap. tol. suffix specifications category temp. range (including temperature-rise on unit surface) rated voltage capacitance range capacitance tolerance dissipation factor (tan ) withstand voltage insulation resistance (ir) 40 ?c to + 105 ?c 1000 vdc, 1250 vdc (1000 vp-p), 1600 vdc (1200 vp-p), 2000 vdc (1500 vp-p) (derating of rated voltage by 1.25 %/?c at more than 85 ?c) 1000 vdc 1250 vdc 1600 vdc 2000 vdc 0.0075 ? to 0.10 ? 0.0036 ? to 0.10 ? 0.0013 ? to 0.056 ? 0.0010 ? to 0.015 ? 3 %(h), 5 %(j) tan < = 0.1 % (20 ?c, 1 khz), tan < = 0.2 % (20 ?c, 10 khz) between terminals:rated volt. (vdc) ? 150 % 60 s between terminals to enclosure:1500 vac 60 s ir > = 30000 m (20 ?c, 500 vdc, 60 s) ? in case of applying voltage in alternating current (50 hz or 60 hz sine wave) to a capacitor with dc rated voltage, please refer to the page of ?ermissible voltage (r.m.s) in alternating current corresponding to dc rated voltage? suffix blank b c lead form straight crimped lead cut lead metallized film p ? ? ? /p53-76 12.11.14 20:52 y [ w 61
design, specifications are subject to change without notice. ask factory for technical specifications before purchase and/or use . whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail. '$ plastic film capacitors dimensions in mm (not to scale) $vumfbe $ taping specifications for automatic insertion taping style ? see the column rating, dimensions & quantity box ? for packing quantity. packaging specifications for bulk package packing quantity : 100 pcs./bag lead spacing style e lead spacing 7.5 mm ? refer to the page of taping specifications. packaging specifications type rated volt. cap. range ( f) taping style ad as b c d e     packing suffix ecwh(v) 1000 vdc 1250 vdc 1600 vdc 2000 vdc 0.0075 to 0.10 0.0036 to 0.051 0.0013 to 0.020 0.0010 to 0.015 ammo ammo ammo ammo r () v r () v r () v r () v p ? ? ? /p53-76 12.11.14 20:52 y [ w 62
design, specifications are subject to change without notice. ask factory for technical specifications before purchase and/or use . whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail. '$ plastic film capacitors rating & dimensions rated voltage : 1000 vdc. capacitance tolerance : 3 %(h), 5 %(j) suffix for lead crimped cap. tol. code ? ecwh10752 ? v( ) 0.0075 18.0 6.0 12.5 17.5 15.0 10.0 0.80 ecwh10822 ? v( ) 0.0082 18.0 6.0 12.5 17.5 15.0 10.0 0.80 ecwh10912 ? v( ) 0.0091 18.0 6.0 13.0 18.0 15.0 10.0 0.80 ecwh10103 ? v( ) 0.010 18.0 6.5 13.0 18.0 15.0 10.0 0.80 ecwh10113 ? v( ) 0.011 18.0 6.5 13.5 18.5 15.0 10.0 0.80 ecwh10123 ? v( ) 0.012 18.0 6.5 13.5 18.5 15.0 10.0 0.80 ecwh10133 ? v( ) 0.013 18.0 7.0 13.5 18.5 15.0 10.0 0.80 ecwh10153 ? v( ) 0.015 18.0 7.0 14.0 19.0 15.0 10.0 0.80 ecwh10163 ? v( ) 0.016 18.0 7.5 14.0 19.0 15.0 10.0 0.80 ecwh10183 ? v( ) 0.018 18.0 7.5 14.5 19.5 15.0 10.0 0.80 ecwh10203 ? v( ) 0.020 18.0 8.0 15.0 20.0 15.0 10.0 0.80 ecwh10223 ? v( ) 0.022 18.0 8.5 15.0 20.0 15.0 10.0 0.80 ecwh10243 ? v( ) 0.024 18.0 8.5 15.5 20.5 15.0 10.0 0.80 ecwh10273 ? v( ) 0.027 18.0 9.0 16.0 21.0 15.0 10.0 0.80 ecwh10303 ? v( ) 0.030 18.0 9.5 16.5 21.5 15.0 10.0 0.80 ecwh10333 ? v( ) 0.033 23.0 7.5 16.0 21.0 20.0 15.0 0.80 ecwh10363 ? v( ) 0.036 23.0 7.5 16.0 21.0 20.0 15.0 0.80 ecwh10393 ? v( ) 0.039 23.0 8.0 16.5 21.5 20.0 15.0 0.80 ecwh10433 ? v( ) 0.043 23.0 8.5 16.5 21.5 20.0 15.0 0.80 ecwh10473 ? v( ) 0.047 23.0 8.5 17.0 22.0 20.0 15.0 0.80 ecwh10513 ? v( ) 0.051 23.0 9.0 17.5 22.5 20.0 15.0 0.80 ecwh10563 ? v( ) 0.056 23.0 9.5 17.5 22.5 20.0 15.0 0.80 ecwh10623 ? v( ) 0.062 23.0 9.5 18.0 23.0 20.0 15.0 0.80 ecwh10683 ? v( ) 0.068 23.0 10.0 19.0 24.0 20.0 15.0 0.80 ecwh10753 ? v( ) 0.075 23.0 10.5 19.5 24.5 20.0 15.0 0.80 ecwh10823 ? v( ) 0.082 23.0 11.0 20.0 25.0 20.0 15.0 0.80 ecwh10913 ? v( ) 0.091 23.0 11.5 20.5 25.5 20.0 15.0 0.80 ecwh10104 ? v( ) 0.10 23.0 12.0 21.0 26.0 20.0 15.0 0.80 part no. cap. (?) taping 7.5 mm dimensions (mm) 300 400 400 300 l max t max 500 500 h max. straight crimped lead straight f crimped lead s min. order q'ty bulk metallized film p ? ? ? /p53-76 12.11.14 20:52 y [ w 63
design, specifications are subject to change without notice. ask factory for technical specifications before purchase and/or use . whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail. '$ plastic film capacitors rating & dimensions rated voltage : 1250 vdc capacitance tolerance : 3 % (h), 5 % (j) suffix for lead crimped cap. tol. code ? ecwh12362 ? v( ) 0.0036 18.0 6.0 12.5 17.5 15.0 10.0 0.80 ecwh12392 ? v( ) 0.0039 18.0 6.0 12.5 17.5 15.0 10.0 0.80 ecwh12432 ? v( ) 0.0043 18.0 6.0 13.0 18.0 15.0 10.0 0.80 ecwh12472 ? v( ) 0.0047 18.0 6.0 13.0 18.0 15.0 10.0 0.80 ecwh12512 ? v( ) 0.0051 18.0 6.5 13.0 18.0 15.0 10.0 0.80 ecwh12562 ? v( ) 0.0056 18.0 6.5 13.5 18.5 15.0 10.0 0.80 ecwh12622 ? v( ) 0.0062 18.0 6.5 13.5 18.5 15.0 10.0 0.80 ecwh12682 ? v( ) 0.0068 18.0 7.0 13.5 18.5 15.0 10.0 0.80 ecwh12752 ? v( ) 0.0075 18.0 7.0 14.0 19.0 15.0 10.0 0.80 ecwh12822 ? v( ) 0.0082 18.0 7.5 14.0 19.0 15.0 10.0 0.80 ecwh12912 ? v( ) 0.0091 18.0 7.5 14.5 19.5 15.0 10.0 0.80 ecwh12103 ? v( ) 0.010 18.0 8.0 15.0 20.0 15.0 10.0 0.80 ecwh12113 ? v( ) 0.011 18.0 8.5 15.0 20.0 15.0 10.0 0.80 ecwh12123 ? v( ) 0.012 18.0 8.5 15.5 20.5 15.0 10.0 0.80 ecwh12133 ? v( ) 0.013 18.0 9.0 15.5 20.5 15.0 10.0 0.80 ecwh12153 ? v( ) 0.015 18.0 9.5 16.0 21.0 15.0 10.0 0.80 ecwh12163 ? v( ) 0.016 23.0 7.5 16.0 21.0 20.0 15.0 0.80 ecwh12183 ? v( ) 0.018 23.0 7.5 16.0 21.0 20.0 15.0 0.80 ecwh12203 ? v( ) 0.020 23.0 8.0 16.5 21.5 20.0 15.0 0.80 ecwh12223 ? v( ) 0.022 23.0 8.5 16.5 21.5 20.0 15.0 0.80 ecwh12243 ? v( ) 0.024 23.0 8.5 17.0 22.0 20.0 15.0 0.80 ecwh12273 ? v( ) 0.027 23.0 9.0 17.5 22.5 20.0 15.0 0.80 ecwh12303 ? v( ) 0.030 23.0 9.5 18.0 23.0 20.0 15.0 0.80 ecwh12333 ? v( ) 0.033 23.0 10.0 18.5 23.5 20.0 15.0 0.80 ecwh12363 ? v( ) 0.036 23.0 10.0 19.0 24.0 20.0 15.0 0.80 ecwh12393 ? v( ) 0.039 23.0 10.5 19.5 24.5 20.0 15.0 0.80 ecwh12433 ? v( ) 0.043 23.0 11.0 20.0 25.0 20.0 15.0 0.80 ecwh12473 ? v( ) 0.047 23.0 11.5 20.5 25.5 20.0 15.0 0.80 ecwh12513 ? v( ) 0.051 23.0 12.0 21.0 26.0 20.0 15.0 0.80 ecwh12563 ? v( ) 0.056 28.0 11.5 20.0 25.0 25.0 17.5 0.80 ecwh12623 ? v( ) 0.062 28.0 12.0 21.0 26.0 25.0 17.5 0.80 ecwh12683 ? v( ) 0.068 28.0 12.5 21.5 26.5 25.0 17.5 0.80 ecwh12753 ? v( ) 0.075 28.0 13.5 22.0 27.0 25.0 17.5 0.80 ecwh12823 ? v( ) 0.082 28.0 14.0 22.5 27.5 25.0 17.5 0.80 ecwh12913 ?v( ) 0.091 28.0 14.5 23.0 28.0 25.0 17.5 0.80 ecwh12104 ? v( ) 0.10 28.0 15.5 24.0 29.0 25.0 17.5 0.80 part no. dimensions (mm) 400 500  300 l max t max 500 400 h max. straight crimped lead straight f crimped lead s cap. (f) taping 7.5 mm min. order q'ty bulk 500 p ? ? ? /p53-76 12.11.14 20:52 y [ w 64
design, specifications are subject to change without notice. ask factory for technical specifications before purchase and/or use . whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail. '$ plastic film capacitors rating & dimensions rated voltage : 1600 vdc capacitance tolerance : 3 % (h), 5 % (j) suffix for lead crimped cap. tol. code ? ecwh16132 ? v( ) 0.0013 18.0 6.5 13.0 18.0 15.0 10.0 0.80 ecwh16152 ? v( ) 0.0015 18.0 6.5 13.5 18.5 15.0 10.0 0.80 ecwh16162 ? v( ) 0.0016 18.0 7.0 13.5 18.5 15.0 10.0 0.80 ecwh16182 ? v( ) 0.0018 18.0 7.0 14.0 19.0 15.0 10.0 0.80 ecwh16202 ? v( ) 0.0020 18.0 7.0 14.0 19.0 15.0 10.0 0.80 ecwh16222 ? v( ) 0.0022 18.0 6.5 13.5 18.5 15.0 10.0 0.80 ecwh16242 ? v( ) 0.0024 18.0 7.0 13.5 18.5 15.0 10.0 0.80 ecwh16272 ? v( ) 0.0027 18.0 7.0 14.0 19.0 15.0 10.0 0.80 ecwh16302 ? v( ) 0.0030 18.0 7.5 14.0 19.0 15.0 10.0 0.80 ecwh16332 ? v( ) 0.0033 18.0 7.5 14.5 19.5 15.0 10.0 0.80 ecwh16362 ? v( ) 0.0036 18.0 7.0 13.5 18.5 15.0 10.0 0.80 ecwh16392 ? v( ) 0.0039 18.0 7.0 14.0 19.0 15.0 10.0 0.80 ecwh16432 ? v( ) 0.0043 18.0 7.0 14.0 19.0 15.0 10.0 0.80 ecwh16472 ? v( ) 0.0047 23.0 6.5 14.5 19.5 20.0 15.0 0.80 ecwh16512 ? v( ) 0.0051 23.0 6.5 15.0 20.0 20.0 15.0 0.80 ecwh16562 ? v( ) 0.0056 23.0 6.5 15.0 20.0 20.0 15.0 0.80 ecwh16622 ? v( ) 0.0062 23.0 7.0 15.0 20.0 20.0 15.0 0.80 ecwh16682 ? v( ) 0.0068 23.0 7.0 15.5 20.5 20.0 15.0 0.80 ecwh16752 ? v( ) 0.0075 23.0 7.5 15.5 20.5 20.0 15.0 0.80 ecwh16822 ? v( ) 0.0082 23.0 7.5 16.0 21.0 20.0 15.0 0.80 ecwh16912 ? v( ) 0.0091 23.0 8.0 16.0 21.0 20.0 15.0 0.80 ecwh16103 ? v( ) 0.010 23.0 8.0 16.5 21.5 20.0 15.0 0.80 ecwh16113 ? v( ) 0.011 23.0 8.5 17.0 22.0 20.0 15.0 0.80 ecwh16123 ? v( ) 0.012 23.0 9.0 17.0 22.0 20.0 15.0 0.80 ecwh16133 ? v( ) 0.013 23.0 9.0 17.5 22.5 20.0 15.0 0.80 ecwh16153 ? v( ) 0.015 23.0 9.5 18.0 23.0 20.0 15.0 0.80 ecwh16163 ? v( ) 0.016 23.0 10.0 18.5 23.5 20.0 15.0 0.80 ecwh16183 ? v( ) 0.018 23.0 10.5 19.5 24.5 20.0 15.0 0.80 ecwh16203 ? v( ) 0.020 23.0 11.0 20.0 25.0 20.0 15.0 0.80 ecwh16223 ? v( ) 0.022 28.0 9.5 18.0 23.0 25.0 17.5 0.80 ecwh16243 ? v( ) 0.024 28.0 10.0 18.5 23.5 25.0 17.5 0.80 ecwh16273 ? v( ) 0.027 28.0 10.5 19.5 24.5 25.0 17.5 0.80 ecwh16303 ? v( ) 0.030 28.0 11.0 20.0 25.0 25.0 17.5 0.80 ecwh16333 ? v( ) 0.033 28.0 11.5 20.5 25.5 25.0 17.5 0.80 ecwh16363 ?v( ) 0.036 28.0 12.5 21.5 26.5 25.0 17.5 0.80 ecwh16393 ? v( ) 0.039 28.0 13.5 22.0 27.0 25.0 17.5 0.80 ecwh16433 ? v( ) 0.043 28.0 14.5 22.5 27.5 25.0 17.5 0.80 ecwh16473 ? v( ) 0.047 28.0 15.0 23.5 28.5 25.0 17.5 0.80 ecwh16513 ? v( ) 0.051 28.0 15.5 24.0 29.0 25.0 17.5 0.80 ecwh16563 ? v( ) 0.056 28.0 16.0 24.5 29.5 25.0 17.5 0.80 part no. dimensions (mm) 400 500 400 300 l max t max 500 500  h max. straight crimped lead straight f crimped lead s cap. (f) taping 7.5 mm min. order q'ty bulk metallized film p ? ? ? /p53-76 12.11.14 20:52 y [ w 65
design, specifications are subject to change without notice. ask factory for technical specifications before purchase and/or use . whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail. '$ plastic film capacitors rating & dimensions rated voltage : 2000 vdc capacitance tolerance : 3 % (h), 5 % (j) suffix for lead crimped cap. tol. code ? ecwh20102 ?v () 0.0010 18.0 6.5 13.5 18.5 15.0 10.0 0.80 ecwh20112 ? v( ) 0.0011 18.0 6.5 13.5 18.5 15.0 10.0 0.80 ecwh20122 ? v( ) 0.0012 18.0 7.0 13.5 18.5 15.0 10.0 0.80 ecwh20132 ? v( ) 0.0013 18.0 7.0 14.0 19.0 15.0 10.0 0.80 ecwh20152 ? v( ) 0.0015 18.0 7.5 14.0 19.0 15.0 10.0 0.80 ecwh20162 ? v( ) 0.0016 18.0 7.5 14.5 19.5 15.0 10.0 0.80 ecwh20182 ? v( ) 0.0018 18.0 8.0 14.5 19.5 15.0 10.0 0.80 ecwh20202 ? v( ) 0.0020 18.0 8.0 15.0 20.0 15.0 10.0 0.80 ecwh20222 ? v( ) 0.0022 18.0 8.5 15.0 20.0 15.0 10.0 0.80 ecwh20242 ? v( ) 0.0024 18.0 8.5 15.5 20.5 15.0 10.0 0.80 ecwh20272 ? v( ) 0.0027 18.0 9.0 16.0 21.0 15.0 10.0 0.80 ecwh20302 ? v( ) 0.0030 18.0 9.5 16.0 21.0 15.0 10.0 0.80 ecwh20332 ? v( ) 0.0033 18.0 8.5 15.5 20.5 15.0 10.0 0.80 ecwh20362 ? v( ) 0.0036 18.0 9.0 15.5 20.5 15.0 10.0 0.80 ecwh20392 ? v( ) 0.0039 18.0 9.0 16.0 21.0 15.0 10.0 0.80 ecwh20432 ? v( ) 0.0043 18.0 9.5 16.0 21.0 15.0 10.0 0.80 ecwh20472 ? v( ) 0.0047 23.0 7.0 15.5 20.5 20.0 15.0 0.80 ecwh20512 ? v( ) 0.0051 23.0 7.5 16.0 21.0 20.0 15.0 0.80 ecwh20562 ? v( ) 0.0056 23.0 7.5 16.0 21.0 20.0 15.0 0.80 ecwh20622 ? v( ) 0.0062 23.0 8.0 16.5 21.5 20.0 15.0 0.80 ecwh20682 ? v( ) 0.0068 23.0 8.5 16.5 21.5 20.0 15.0 0.80 ecwh20752 ? v( ) 0.0075 23.0 9.5 18.0 23.0 20.0 15.0 0.80 ecwh20822 ? v( ) 0.0082 23.0 10.0 18.0 23.0 20.0 15.0 0.80 ecwh20912 ? v( ) 0.0091 23.0 10.0 19.0 24.0 20.0 15.0 0.80 ecwh20103 ? v( ) 0.010 23.0 10.5 19.5 24.5 20.0 15.0 0.80 ecwh20113 ? v( ) 0.011 23.0 11.0 20.0 25.0 20.0 15.0 0.80 ecwh20123 ? v( ) 0.012 23.0 11.5 20.5 25.5 20.0 15.0 0.80 ecwh20133 ? v( ) 0.013 23.0 12.0 21.0 26.0 20.0 15.0 0.80 ecwh20153 ? v( ) 0.015 23.0 12.0 21.5 26.5 20.0 15.0 0.80 part no. dimensions 400 500 400 300 l max t max 500 500 300 400 300 h max. straight crimped lead straight f crimped lead s cap. (f) min. order q'ty taping 7.5 mm bulk p ? ? ? /p53-76 12.11.14 20:52 y [ w 66
temperature characteristics frequency characteristics 0.01 0.1 1 10 100 1000 10000 1 10 100 1000 10000 100000 0 2 4 6 8 10 1 10 100 1000 10000 -10 -5 0 5 10 1 10 100 1000 10000 1.e+07 1.e+08 1.e+09 1.e+10 1.e+11 1.e+12 1.e+13 -40 -20 0 20 40 60 80 100 0 2 4 6 8 10 -40 -20 0 20 40 60 80 100 -10 -5 0 5 10 -40 -20 0 20 40 60 80 100 ecwh(v) type 1000vdc series (metallized polypropylene film) erectrical characteristics at 1khz temperature (degree c) capacitance change (%) dissipation factor (%) temperature (degree c) at 1khz at dc100v temperature (degree c) insuration resistance (ohm) capacitance change (%) frequency (khz) frequency (khz) dissipation factor (%) frequency (khz) impedance (ohm) 0.01uf 0.047uf 0.1uf 0.1uf 0.047uf 0.01uf 0.1uf 0.047uf 0.01uf 0.01uf 0.1uf 0.01uf 0.1uf 0.01uf 0.1uf
rating volta g e capacitance value ( uf ) code dv/dt(v/us) current(o-p) ( a ) 0.0100 103 60.0 0.0150 153 90.0 0.0220 223 132.0 0.0330 333 198.0 0.0470 473 282.0 0.0680 683 408.0 0.1000 104 600.0 1000vdc pulse handling capability (dv/dt) (max 10000cycles) permissible curren t v oltage derating by temperature 6000 0 200 400 600 800 1000 1200 -40 -20 0 20 40 60 80 100 120 0.1 1 10 10 100 1000 * please consult panasonic if your condition exceeds the above spec. ecwh(v) type 1000vdc series (metallized polypropylene film) applicable specifications frequency (khz) permissible current (arms) rated voltage (vdc) surface temperature of capacitor(degree c) from 0.0075uf to 0.1uf 0.01uf 0.015uf 0.022uf 0.033uf 0.047uf 0.068uf 0.1uf
temperature characteristics frequency characteristics 1.e+07 1.e+08 1.e+09 1.e+10 1.e+11 1.e+12 1.e+13 -40 -20 0 20 40 60 80 100 0 2 4 6 8 10 -40 -20 0 20 40 60 80 100 0.01 0.1 1 10 100 1000 10000 1 10 100 1000 10000 100000 0 2 4 6 8 10 1 10 100 1000 10000 -10 -5 0 5 10 1 10 100 1000 10000 -10 -5 0 5 10 -40 -20 0 20 40 60 80 100 ecwh(v) type 1250vdc series (metallized polypropylene film) erectrical characteristics at 1khz temperature (degree c) capacitance change (%) dissipation factor (%) temperature (degree c) at 1khz at dc100v temperature (degree c) insuration resistance (ohm) capacitance change (%) frequency (khz) frequency (khz) dissipation factor (%) frequency (khz) impedance (ohm) 0.0047uf 0.01uf 0.047uf 0.1uf 0.1uf 0.047uf 0.01uf 0.0047uf 0.1uf 0.047uf 0.01uf 0.0047uf 0.0047uf 0.01uf 0.0047uf 0.01uf 0.0047uf 0.01uf
rating volta g e capacitance value ( uf ) code dv/dt(v/us) current(o-p) ( a ) 0.0047 472 28.2 0.0068 682 40.8 0.0100 103 60.0 0.0150 153 90.0 0.0220 223 132.0 0.0330 333 198.0 0.0470 473 282.0 0.0680 683 408.0 0.1000 104 600.0 1250vdc 6000 pulse handling capability (dv/dt) (max 10000cycles) permissible curren t v oltage derating by temperature 0 200 400 600 800 1000 1200 1400 -40 -20 0 20 40 60 80 100 120 0 1 2 3 4 5 6 7 8 10 100 1000 * please consult panasonic if your condition exceeds the above spec. ecwh(v) type 1250vdc series (metallized polypropylene film) applicable specifications frequency (khz) permissible current (arms) rated voltage (vdc) surface temperature of capacitor(degree c) from 0.0036uf to 0.1uf 0.0047uf 0.0068uf 0.01uf 0.015uf 0.022uf 0.033uf 0.047uf 0.068uf 0.1uf
temperature characteristics frequency characteristics 0.01 0.1 1 10 100 1000 10000 1 10 100 1000 10000 100000 0 2 4 6 8 10 1 10 100 1000 10000 -10 -5 0 5 10 1 10 100 1000 10000 1.e+07 1.e+08 1.e+09 1.e+10 1.e+11 1.e+12 1.e+13 -40 -20 0 20 40 60 80 100 0 2 4 6 8 10 -40 -20 0 20 40 60 80 100 -10 -5 0 5 10 -40 -20 0 20 40 60 80 100 ecwh(v) type 1600vdc series (metallized polypropylene film) erectrical characteristics at 1khz temperature (degree c) capacitance change (%) dissipation factor (%) temperature (degree c) at 1khz at dc100v temperature (degree c) insuration resistance (ohm) capacitance change (%) frequency (khz) frequency (khz) dissipation factor (%) frequency (khz) impedance (ohm) 0.01uf 0.0047uf 0.047uf 0.0047u 0.01uf 0.047uf 0.0047uf 0.01uf 0.047uf 0.0047uf 0.01uf 0.047uf 0.0047uf 0.01uf 0.047uf 0.047uf 0.01uf 0.0047uf
rating volta g e capacitance value ( uf ) code dv/dt(v/us) current(o-p) ( a ) 1600vdc 0.0015 152 6000 9.0 0.0022 222 13.2 0.0033 332 19.8 0.0047 472 28.2 0.0068 682 40.8 0.0100 103 60.0 0.0150 153 90.0 0.0220 223 132.0 0.0330 333 198.0 0.0470 473 282.0 pulse handling capability (dv/dt) (max 10000cycles) permissible curren t v oltage derating by temperature 0 200 400 600 800 1000 1200 1400 1600 1800 2000 -40 -20 0 20 40 60 80 100 120 0 1 2 3 4 5 6 10 100 1000 * please consult panasonic if your condition exceeds the above spec. ecwh(v) type 1600vdc series (metallized polypropylene film) applicable specifications frequency (khz) permissible current (arms) rated voltage (vdc) surface temperature of capacitor(degree c) from 0.0013uf to 0.47u f 0.0015uf 0.0022uf 0.0033uf 0.0047uf 0.0068uf 0.01uf 0.015uf 0.022uf 0.033uf 0.047uf
temperature characteristics frequency characteristics 0.01 0.1 1 10 100 1000 10000 1 10 100 1000 10000 100000 0 2 4 6 8 10 1 10 100 1000 10000 -10 -5 0 5 10 1 10 100 1000 10000 0 2 4 6 8 10 -40 -20 0 20 40 60 80 100 -10 -5 0 5 10 -40 -20 0 20 40 60 80 100 ecwh(v) type 2000vdc series (metallized polypropylene film) erectrical characteristics at 1khz temperature (degree c) capacitance change (%) dissipation factor (%) temperature (degree c) at 1khz at dc100v temperature (degree c) insuration resistance (ohm) capacitance change (%) frequency (khz) frequency (khz) dissipation factor (%) frequency (khz) impedance (ohm) 0.01uf 0.0047uf 0.015uf 0.001uf 0.001uf 0.0047uf 0.01uf 0.015uf 1.e+06 1.e+07 1.e+08 1.e+09 1.e+10 1.e+11 1.e+12 -40 -20 0 20 40 60 80 100 0.001uf 0.0047uf 0.01uf 0.015uf 0.001uf 0.0022uf 0.0047uf 0.01uf 0.015uf 0.001uf 0.0022uf 0.0047uf 0.01uf 0.015uf 0.001uf 0.0022uf 0.0047uf 0.01uf 0.015uf
rating volta g e capacitance value ( uf ) code dv/dt(v/us) current(o-p) ( a ) 0.0010 102 6.0 0.0015 152 9.0 0.0022 222 13.2 0.0033 332 19.8 0.0047 472 28.2 0.0068 682 40.8 0.0100 103 60.0 0.0150 153 90.0 2000vdc 6000 pulse handling capability (dv/dt) (max 10000cycles) permissible curren t v oltage derating by temperature 0 500 1000 1500 2000 2500 -40 -20 0 20 40 60 80 100 120 0 0.5 1 1.5 2 2.5 3 3.5 10 100 1000 * please consult panasonic if your condition exceeds the above spec. ecwh(v) type 2000vdc series (metallized polypropylene film) applicable specifications frequency (khz) permissible current (arms) rated voltage (vdc) surface temperature of capacitor(degree c) from 0.001uf to 0.015u f 0.001uf 0.0015uf 0.0022uf 0.0033uf 0.0047uf 0.0068uf 0.01uf 0.015uf


▲Up To Search▲   

 
Price & Availability of ECWH10433HVB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X